Part Number Hot Search : 
9290X02 MAX81405 P328G EHS2Z1 MTZJ18 MAX815N EHS2Z1 MC20A
Product Description
Full Text Search
 

To Download MBR1645-N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vs-mbr16...pbf series, vs-mbr16...-n3 series www.vishay.com vishay semiconductors revision: 29-aug-11 1 document number: 94286 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 schottky rectifier, 16 a features ? 150 c t j operation ? low forward voltage drop ? high frequency operation ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance ? guard ring for enhanced ruggedness and long term reliability ? compliant to rohs directive 2002/95/ec ? designed and qualified according to jedec-jesd47 ? halogen-free according to iec 61249-2-21 definition (-n3 only) description the vs-mbr16... schottky rectifier has been optimized for low reverse leakage at high temperature. the proprietary barrier technology allows for reliable operation up to 150 c junction temperature. typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. product summary package to-220ac i f(av) 16 a v r 35 v, 45 v v f at i f 0.57 v i rm max. 40 ma at 125 c t j max. 150 c diode variation single die e as 24 mj anode 1 3 cathode base cathode 2 to-220ac major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 16 a v rrm 35/45 v i fsm t p = 5 s sine 1800 a v f 16 a pk , t j = 125 c 0.57 v t j range - 65 to 150 c voltage ratings parameter symbol vs-mbr1635pbf vs- mbr1635-n3 vs-mbr1645pbf vs-MBR1645-N3 units maximum dc reverse voltage v r 35 35 45 45 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current i f(av) t c = 134 c, rated v r 16 a non-repetitive peak surge current i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 1800 a surge applied at rated load condition half wave single phase, 60 hz 150 non-repetitive avalanche energy e as t j = 25 c, i as = 3.6 a, l = 3.7 mh 24 mj repetitive avalanche current i ar current decaying linearly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 3.6 a
vs-mbr16...pbf series, vs-mbr16...-n3 series www.vishay.com vishay semiconductors revision: 29-aug-11 2 document number: 94286 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop v fm (1) 16 a t j = 25 c 0.63 v t j = 125 c 0.57 maximum instantaneous reverse current i rm (1) t j = 25 c rated dc voltage 0.2 ma t j = 125 c 40 maximum junction capacitance c t v r = 5 v dc (test signal range 100 khz to 1 mhz) 25 c 1400 pf typical series inductance l s measured from top of terminal to mounting plane 8.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction temperature range t j - 65 to 150 c maximum storage temperature range t stg - 65 to 175 maximum thermal resistance, junction to case r thjc dc operation 1.50 c/w typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased 0.50 approximate weight 2g 0.07 oz. mounting torque minimum 6 (5) kgf cm (lbf in) maximum 12 (10) marking device case style to-220ac (jedec) mbr1635 mbr1645
vs-mbr16...pbf series, vs-mbr16...-n3 series www.vishay.com vishay semiconductors revision: 29-aug-11 3 document number: 94286 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - maximum forward voltage drop characteristics fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction ca pacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics 1 10 1.2 0.4 v fm - forward voltage drop (v) i f - instantaneous forward current (a) 100 0 0.2 0.6 0. 8 t j = 150 c t j = 125 c t j = 25 c 1.0 0.1 1 10 100 0.01 0.001 0 v r - reverse voltage (v) i r - reverse current (a) 15 35 45 25 0.0001 t j = 150 c t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 510 20 30 40 1000 020 50 100 v r - reverse voltage (v) c t - junction capacitance (pf) 10 30 40 t j = 25 c 10 000 0.001 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) 1 10 0.01 d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 single p u lse (thermal resistance) . p dm t 1 t 2 n otes: 1. d u ty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c
vs-mbr16...pbf series, vs-mbr16...-n3 series www.vishay.com vishay semiconductors revision: 29-aug-11 4 document number: 94286 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward powe r loss characteristics fig. 7 - maximum non-repeti tive surge current (per leg) fig. 8 - unclamped inductive test circuit note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = rated v r applied 120 025 i f(av) - average forward current (a) allowable case temperature (c) 125 140 135 155 150 130 145 20 15 10 5 dc see note (1) s qu are w a v e (d = 0.50) rated v r applied 15 0 025 average power loss (w) i f(av) - average forward current (a) 5 101520 5 10 d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 rms limit dc 1000 100 1000 t p - square wave pulse duration (s) i fsm - non-repetitive surge current (a) 100 10 000 10 at any rated load condition and w ith rated v rrm applied follo w ing s u rge 10 000 c u rrent monitor high-speed s w itch d.u.t. r g = 25 + free w heel diode v d = 25 v l irfp460 40hfl40s02
vs-mbr16...pbf series, vs-mbr16...-n3 series www.vishay.com vishay semiconductors revision: 29-aug-11 5 document number: 94286 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information table ordering information (example) preferred p/n quantity per t/r minimum order quantity packaging description vs-mbr1635pbf 50 1000 antistatic plastic tube vs-mbr1635-n3 50 1000 antistatic plastic tube vs-mbr1645pbf 50 1000 antistatic plastic tube vs-MBR1645-N3 50 1000 antistatic plastic tube links to related documents dimensions www.vishay.com/doc?95221 part marking information to-220ac pbf www.vishay.com/doc?95224 to-220ac -n3 www.vishay.com/doc?95068 - schottky mbr series - current rating (16 = 16 a) - voltage ratings 35 = 35 v 45 = 45 v device code 2 4 3 5 mbr 16 45 pbf vs- 1 - vishay semiconductors product - pbf = lead (pb)-free and rohs compliant -n3 = halogen-free, rohs compliant, and totally lead (pb)-free environmental digit 2 3 4 5 1
document number: 95221 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 07-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 to-220ac outline dimensions vishay semiconductors dimensions in millimeters and inches notes (1) dimensioning and tolerancin g as per asme y14.5m-1994 (2) lead dimension and fini sh uncontrolled in l1 (3) dimension d, d1 and e do not in clude mold flash. mold flash shall not exceed 0.127 mm (0. 005") per side. these dimensions are m easured at the outermost extrem es of the plastic body (4) dimension b1, b3 and c1 apply to base metal only (5) controlling dimension: inches (6) thermal pad contour optional with in dimensions e, h1, d2 and e1 (7) dimension e2 x h1 define a zone where stamping and singulation irregularities are allowed (8) outline conforms to jedec to-220, d2 (minimum) where dimensions are derived from the actual package outline symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.25 4.65 0.167 0.183 e1 6.86 8.89 0.270 0.350 6 a1 1.14 1.40 0.045 0.055 e2 - 0.76 - 0.030 7 a2 2.56 2.92 0.101 0.115 e 2.41 2.67 0.095 0.105 b 0.69 1.01 0.027 0.040 e1 4.88 5.28 0.192 0.208 b1 0.38 0.97 0.015 0.038 4 h1 6.09 6.48 0.240 0.255 6, 7 b2 1.20 1.73 0.047 0.068 l 13.52 14.02 0.532 0.552 b3 1.14 1.73 0.045 0.068 4 l1 3.32 3.82 0.131 0.150 2 c 0.36 0.61 0.014 0.024 l3 1.78 2.13 0.070 0.084 c1 0.36 0.56 0.014 0.022 4 l4 0.76 1.27 0.030 0.050 2 d 14.85 15.25 0.585 0.600 3 ? p 3.54 3.73 0.139 0.147 d1 8.38 9.02 0.330 0.355 q 2.60 3.00 0.102 0.118 d2 11.68 12.88 0.460 0.507 6 ? 90 to 93 90 to 93 e 10.11 10.51 0.398 0.414 3, 6 13 2 d d1 h1 q detail b c a b l e1 lead tip l4 l3 e e2 ? p 0.015 a b mm 0.014 a b mm s eating plane c a2 a1 a a a lead assignments diode s 1 + 2 - cathode 3 - anode conforms to jedec outline to-220ac (6) (6) (7) (6) (7) view a - a e1 (6) d2 (6) h1 thermal pad e detail b d l1 d 123 c c 2 x b2 2 x b
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of MBR1645-N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X